Electronic Components Datasheet Search
  English  ▼

X  

SM36 Datasheet(PDF) 4 Page - Diotech Company.

Part # SM36
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SM36 Datasheet(HTML) 4 Page - Diotech Company.

  SM36 Datasheet HTML 1Page - Diotech Company. SM36 Datasheet HTML 2Page - Diotech Company. SM36 Datasheet HTML 3Page - Diotech Company. SM36 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM03 THRU SM36
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
e
θ
Dimensions In Millimeters
Symbol
Min
Typ
Max
A
1.00
1.40
A1
0.10
b
0.35
0.50
c
0.10
0.20
D
2.70
2.90
3.10
E
1.40
1.60
E1
2.40
2.80
e
1.90
L
0.10
0.30
L1
0.40
θ
0°
10°
SOT-23 PACKAGE OUTLINE DIMENTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com