Electronic Components Datasheet Search
  English  ▼

X  

S4580P Datasheet(PDF) 2 Page - AUK corp

Part # S4580P
Description  Dual OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S4580P Datasheet(HTML) 2 Page - AUK corp

  S4580P Datasheet HTML 1Page - AUK corp S4580P Datasheet HTML 2Page - AUK corp S4580P Datasheet HTML 3Page - AUK corp S4580P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-L012-000
2
S4580P
Absolute maximum ratings
(Ta = 25 °C)
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
±
18
V
Differential input voltage
VID
±
30
V
Input voltage
VIC(note)
±
15
V
Output current
IO
±
50
mA
Power Dissipation
PD
800
mW
Operating temperature
Topr
-40 ~ +85
°C
Storage temperature
Tstg
-40 ~ +125
°C
(note) For supply voltage less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Electrical Characteristics
(Unless otherwise specified. VCC = +15V, VEE=-15V and Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input offset voltage
VIOS
Rg ≤ 10 ㏀
-
0.5
3
mV
Input offset current
IIOS
-
-
5
200
nA
Input bias current
IIB
-
-
100
500
nA
Input common mode
Voltage Range
VICR
-
±
12
±
13.5
-
V
Maximum Output Voltage
VOM
RL≥ 2 ㏀
±
12
±
13.5
-
V
Large signal Voltage Gain
GV
Vout=±10V, RL≥ 2 ㏀
90
110
-
dB
Common mode
rejection ratio
CMRR
Rg ≤ 10 ㏀
80
110
-
dB
Power supply voltage
rejection ratio
PSRR
Rg ≤ 10 ㏀
80
110
-
dB
Slew Rate
SR
RL≥ 2 ㏀
-
5.0
-
V/us
Supply Current
ICC
-
-
6.0
9.0
mA
Equivalent input
noise voltage
VNI
RIAA, RS=2.2 ㏀, f=30 ㎑ LPF
-
0.8
-
uVrms
Total harmonic distortion
THD
AV=20dB, VO=5V, RL=2 ㏀
f=1KHz
-
0.0005
-
%
Gain bandwidth product
GB
f=10KHz
-
15
-
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com