Electronic Components Datasheet Search
  English  ▼

X  

SS05100 Datasheet(PDF) 1 Page - Diotech Company.

Part # SS05100
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SS05100 Datasheet(HTML) 1 Page - Diotech Company.

  SS05100 Datasheet HTML 1Page - Diotech Company. SS05100 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS0520 THRU SS05100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 0.5 Ampere
● Plastic package has Underwriters Laboratory
● Flammability classification 94V-0 Utilizing Fame
● Retardant Epoxy Molding Compound
● For surface mount applications
● Low leakage current.
FEATURES
MECHANICAL DATA
● Case: SOD-123, Molded Plastic
● Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.017 grams
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
100
V
Forward Continuous Current (Note 1)
IF
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
5.5
Storage Temperature
TSTG
-50 to +150
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Forward Voltage Drop
@IF = 0.5A
VFM
0.45
0.55
0.55
0.70
0.80
V
Peak Reverse Leakage Current @ VRRM
IRM
500
µA
Typical Junction Capacitance
Cj
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
A
Tj
°C
°C
125
Operating Temperature
60
50
40
H
G
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
—
0.2
G
0.4
—
H
0.95
1.35
J
—
0.12
All Dimensions in mm
D
A
C
B
E
J
SS0520
Unit
SS0530
SS0540
SS0560
SS05100
Unit
SS0520
SS0530
SS0540
SS0560
SS05100


Similar Part No. - SS05100

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS05100FL WTE-SS05100FL Datasheet
50Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
SS05100FL-T1 WTE-SS05100FL-T1 Datasheet
50Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
logo
Chenmko Enterprise Co. ...
SS05100PT CHENMKO-SS05100PT Datasheet
100Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS05100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com