Electronic Components Datasheet Search
  English  ▼

X  

SM6702 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM6702
Description  PFM Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM6702 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—6
BASIC CIRCUIT
TYPICAL APPLICATION CIRCUIT
Coil (L) : 330 µH
Diode (D) : MA721 (Matsushita Schottky diode)
Capacitor (CL) : 22 µF tantalum
Coil (L) : 330 µH
Schottky Diode (D)
Capacitor (C1) : 22 µF tantalum
Capacitor (C2) : 0.22 µF ceramic
Capacitor (C3) : 22 µF tantalum
L
VIN
OUT
D
VSS
C
+
OUT
LX
LX
VSS
OUT
+
+
L
1.5V
D
C1
C2
C3
3V System
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com