Electronic Components Datasheet Search
  English  ▼

X  

SM6780AS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM6780AS
Description  Ni-Cd/Ni-MH Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6780AS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM6780AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6780AS Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SM6780AS
NIPPON PRECISION CIRCUITS—10
Charging Operating Status
TYPICAL APPLICATION CIRCUIT
Note that the above circuit is an example circuit to demonstrate the connections for device functions. Battery
charger operation is not guaranteed.
Charging status
Conditions
Charging mode
CHGN output1
LEDN output
Internal timer
INH
Battery
check OK
Quick charge
LOW
Yes
Quick charge
High impedance
LOW (ON)
Count
Quick charge hold
LOW
No
Pulse trickle
13.68Hz, 3.91% duty
1Hz (pulsing)
Count
Quick charge inhibit
HIGH
–
Pulse trickle
13.68Hz, 3.91% duty
Same condition as
when INH went HIGH
Hold
Supplemental charge
LOW
OK
Supplemental
218Hz, 6.25% duty
High impedance (OFF)
Count
Supplemental charge inhibit
HIGH
OK
Pulse trickle
13.68Hz, 3.91% duty
High impedance (OFF)
Hold
Pulse trickle
–
–
Pulse trickle
13.68Hz, 3.91% duty
High impedance (OFF)
–
Standby
–
–
–
High impedance
High impedance (OFF)
Reset
1. Frequency and duty are typical values.
TEMP
BATT
CHGN
VSS
LEDN
INH
VDD
TIME
VDD 5V
6
2
1
4
8
7
5
3
R6
33k
Ω
R7
100k
Ω
Q3
2SC945
SW2
IN
VSS
OUT
78L05
5V
VBEQ2
Q2
2SD525
R2
4/5W
ICHG
Q1
2SC945
R1
5.1k
Ω
External current source
R8
100k
Ω
R9
200k
Ω
R10
200k
Ω
R13
14k
Ω
R12
12k
Ω
SM6780AS
R5
1.8k
Ω
R3
100k
Ω
R4
100k
Ω
SW1
VBB 12V
R11
640
Ω
ICHG =
5
− VBEQ2
R2
=
5
− 0.65
4
= N
− 1
R9
R10
N= Number of cells
NTC
R:10k
Ω
(at 25 C)
B:3435K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com