Electronic Components Datasheet Search
  English  ▼

X  

MMSF4P01HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSF4P01HD
Description  Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF4P01HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMSF4P01HD Datasheet HTML 1Page - ON Semiconductor MMSF4P01HD Datasheet HTML 2Page - ON Semiconductor MMSF4P01HD Datasheet HTML 3Page - ON Semiconductor MMSF4P01HD Datasheet HTML 4Page - ON Semiconductor MMSF4P01HD Datasheet HTML 5Page - ON Semiconductor MMSF4P01HD Datasheet HTML 6Page - ON Semiconductor MMSF4P01HD Datasheet HTML 7Page - ON Semiconductor MMSF4P01HD Datasheet HTML 8Page - ON Semiconductor MMSF4P01HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMSF4P01HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
048
Figure 3. On−Resistance versus
Gate−To−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
10
1000
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
−55
°C
25
°C
ID = 2 A
04
8
−50
−25
0
25
50
75
100
125
150
0
3
6
12
VGS = 0 V
TJ = 125°C
TJ = 25°C
VGS = 2.7 V
100
9
100
°C
26
6
2
4.5 V
8
6
4
2
0
TJ = 100°C
0.16
0.12
0.08
0.04
0
0.1
0.09
0.08
0.06
8
6
4
2
0
1
1.6
1.4
2
1.2
1.8
2.4
2.2
0.07
0
0.5
1
2
1.5
VGS = 4.5 V
ID = 4 A
TJ = 25°C
4.5 V
0
0.6
0.4
1
0.2
0.8
1.4
1.6
1.2
1.8
2
TJ = 25°C
3.1 V
VGS = 8 V
1.5 V
2.5 V
1.7 V
1.9 V
2.1 V
2.3 V
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com