Electronic Components Datasheet Search
  English  ▼

X  

MTB1306 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTB1306
Description  N?묬hannel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB1306 Datasheet(HTML) 2 Page - ON Semiconductor

  MTB1306 Datasheet HTML 1Page - ON Semiconductor MTB1306 Datasheet HTML 2Page - ON Semiconductor MTB1306 Datasheet HTML 3Page - ON Semiconductor MTB1306 Datasheet HTML 4Page - ON Semiconductor MTB1306 Datasheet HTML 5Page - ON Semiconductor MTB1306 Datasheet HTML 6Page - ON Semiconductor MTB1306 Datasheet HTML 7Page - ON Semiconductor MTB1306 Datasheet HTML 8Page - ON Semiconductor MTB1306 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MTB1306
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
30
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
10
100
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
1.5
2.0
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 38 Adc)
(VGS = 5.0 Vdc, ID = 38 Adc)
RDS(on)
−
−
5.8
7.4
6.5
8.5
m
W
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 75 Adc)
(VGS = 10 Vdc, ID = 38 Adc, TJ = 150°C)
VDS(on)
−
−
0.44
−
0.5
0.38
Vdc
Forward Transconductance (VDS = 3.0 Vdc, ID = 20 Adc)
gFS
15
55
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
−
2560
3584
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
1305
1827
Transfer Capacitance
f = 1.0 MHz)
Crss
−
386
772
SWITCHING CHARACTERISTICS (Note 3.)
Turn−On Delay Time
td(on)
−
17
35
ns
Rise Time
(VDD = 15 Vdc, ID = 75 Adc,
VGS =50Vdc
tr
−
170
340
Turn−Off Delay Time
VGS = 5.0 Vdc,
RG = 4.7 Ω)
td(off)
−
68
136
Fall Time
RG
4.7
Ω)
tf
−
145
290
Gate Charge
QT
−
50
70
nC
(VDS = 24 Vdc, ID = 75 Adc,
Q1
−
8.3
−
(VDS
24 Vdc, ID
75 Adc,
VGS = 5.0 Vdc)
Q2
−
25.3
−
Q3
−
17.2
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc)
(IS = 20 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
0.75
0.64
1.1
−
Vdc
Reverse Recovery Time
trr
−
84
−
ns
(I =20Adc V
= 0 Vdc
ta
−
35
−
(IS = 20 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
−
53
−
Reverse Recovery Stored
Charge
dIS/dt = 100 A/µs)
QRR
−
0.13
−
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com