Electronic Components Datasheet Search
  English  ▼

X  

S7136 Datasheet(PDF) 1 Page - AUK corp

Part # S7136
Description  Bipolar Linear Integrated Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7136 Datasheet(HTML) 1 Page - AUK corp

  S7136 Datasheet HTML 1Page - AUK corp S7136 Datasheet HTML 2Page - AUK corp S7136 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSI-9036-000
1
S7136AM
Bipolar Linear Integrated Circuit
Description
• As Control Circuit of Battery-Backed Memory
• As Measure Against Erroneous Operations at Power On-Off
• As Resetting Function for the CPU-Mounted Equipment --- PC, Printer, VTR, Fax, C-TV etc.
• As Measure Against System Runaway at Instantaneous Break of Power Supply etc.
Features
• Current Consumption is Low (ICCL=300 ㎂ Typ. ICCH=30 ㎂ Typ.)
• Resetting Output Minimum Guarantee Voltage is Low (0.8V Typ.)
• Hysteresis Voltage is Provided (50 ㎷ Typ.)
Ordering Information
Type NO.
Marking
Package Code
S7136AM
S7136AM
TO-92AM
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Vcc
2. GND
3. OUT
1. Vcc
3. OUT
2. GND
Equivalent Circuit
4.0±0.1
0.44 REF
0.52 REF
1.27 Typ.
2.54±0.1.
3.0±0.1
1
2
3
3.8 Min.


Similar Part No. - S7136

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7136 AUK-S7136 Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
logo
List of Unclassifed Man...
S7136 ETC1-S7136 Datasheet
429Kb / 3P
TRIANGULAR TYPE
logo
AUK corp
S7136 AUK-S7136 Datasheet
256Kb / 5P
Standard Voltage Detector
logo
Hamamatsu Corporation
S7136/-10 HAMAMATSU-S7136/-10 Datasheet
127Kb / 4P
Light modulation photo IC
logo
Springmasters Ltd
S713625 SPRINGMASTERS-S713625 Datasheet
57Kb / 3P
Stainless Disc Springs
More results

Similar Description - S7136

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com