Electronic Components Datasheet Search
  English  ▼

X  

SN74LS541DW Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS541DW
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS541DW Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS541DW Datasheet HTML 1Page - ON Semiconductor SN74LS541DW Datasheet HTML 2Page - ON Semiconductor SN74LS541DW Datasheet HTML 3Page - ON Semiconductor SN74LS541DW Datasheet HTML 4Page - ON Semiconductor SN74LS541DW Datasheet HTML 5Page - ON Semiconductor SN74LS541DW Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN74LS541
http://onsemi.com
2
BLOCK DIAGRAM
E1
E2
D1
D2
D3
D4
D5
D6
D7
D8
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
(1)
(19)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
INPUTS
OUTPUTS
E1
L
H
X
L
E2
L
X
H
L
D
H
X
X
L
LS540
L
Z
Z
H
LS541
H
Z
Z
L
L = LOW Voltage Level
H = HIGH Voltage Level
X = Immaterial
Z = High Impedance
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
2.4
3.4
V
VCC = MIN, IOH = −3.0 mA
2.0
V
VCC = MIN, IOH = MAX, VIL = 0.5 V
VOL
Output LOW Voltage
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
0.35
0.5
V
IOL = 24 mA
VT+−VT−
Hysteresis
0.2
0.4
V
VCC = MIN
IOZH
Output Off Current HIGH
20
μA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
−20
μA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
20
μA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
−0.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
−40
−225
mA
VCC = MAX
ICC
Power Supply Current
Total, Output HIGH
32
mA
VCC = MAX
Total, Output LOW
52
mA
Total Output 3-State
55
mA
1. Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com