Electronic Components Datasheet Search
  English  ▼

X  

SN74LS541M Datasheet(PDF) 3 Page - ON Semiconductor

Part # SN74LS541M
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS541M Datasheet(HTML) 3 Page - ON Semiconductor

  SN74LS541M Datasheet HTML 1Page - ON Semiconductor SN74LS541M Datasheet HTML 2Page - ON Semiconductor SN74LS541M Datasheet HTML 3Page - ON Semiconductor SN74LS541M Datasheet HTML 4Page - ON Semiconductor SN74LS541M Datasheet HTML 5Page - ON Semiconductor SN74LS541M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74LS541
http://onsemi.com
3
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
tPLH
Propagation Delay,
Data to Output
12
15
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPHL
12
18
tPZH
Output Enable Time
to HIGH Level
15
32
ns
tPZL
Output Enable Time
to LOW Level
20
38
ns
tPHZ
Output Disable Time
to HIGH Level
10
18
ns
CL = 5.0 pF
tPLZ
Output Disable Time
to LOW Level
15
29
ns
AC WAVEFORMS
1.5 V
1.5 V
1.5 V
1.3 V
1.3 V
1.3 V
1.3 V
VIN
VOUT
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
1.3 V
tPLH
tPHL
VE
VE
VOUT
VE
VE
VOUT
tPHZ
1.5 V
1.5 V
tPZL
tPLZ
VOL
1.5 V
≥
VOH
0.5 V
tPZH
1.3 V
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
≈
1.5 V
0.5 V
≈
1.5 V
SWITCH POSITIONS
Closed
Open
Closed
Closed
Open
Closed
Closed
Closed
tPZH
tPZL
tPLZ
tPHZ
SW2
SW1
SYMBOL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com