Electronic Components Datasheet Search
  English  ▼

X  

S7145AM Datasheet(PDF) 2 Page - AUK corp

Part # S7145AM
Description  Bipolar Linear Integrated Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7145AM Datasheet(HTML) 2 Page - AUK corp

  S7145AM Datasheet HTML 1Page - AUK corp S7145AM Datasheet HTML 2Page - AUK corp S7145AM Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSI-9040-000
2
S7145AM
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
-0.3 ~ +15
V
Power Dissipation (Package Limitation)
PD
400
㎽
Operating Temperature
Topr
-30 ~ +75
℃
Storage Temperature
Tstg
-55 ~ +150
℃
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Detecting voltage
VS
1
RL=200Ω , VOL≤ 0.4V
4.35
4.5
4.65
V
Low Level Output voltage
VOL
1
RL=200Ω
-
-
0.4
V
Output Leakage Current
IOH
1
VCC=15V
-
-
0.1
µA
Hysteresis Voltage
Δ
VS
1
RL=200Ω
30
50
100
㎷
Detecting Voltage
Temperature Coefficient
VS/Δ T
1
RL=200Ω
-
±
0.01
-
%/℃
Circuit current at on Time
ICCL
1
VCC = VSmin - 0.05V
-
300
500
µA
Circuit current at off Time
ICCH
1
VCC=5.25V
-
30
50
µA
Threshold Operating Voltage
Vopr
1
RL=200Ω , VOL≤ 0.4V
-
0.8
-
V
'L' Transmission Delay Time
tPHL
2
RL=1.0 ㏀, CL=100 ㎊
-
10
-
㎲
'H' Transmission Delay Time
tPLH
2
RL=1.0 ㏀, CL=100 ㎊
-
15
-
㎲
Output Current at on Time I
IOLI
1
VCC = VSmin - 0.05V
Ta = 25℃
20
-
-
㎃
Output Current at on Time II
IOLII
1
VCC = VSmin - 0.05V
Ta = -30~+75℃
16
-
-
㎃
Test Circuit 1
Test Circuit 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com