Electronic Components Datasheet Search
  English  ▼

X  

PE45012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45012
Description  Reverse Polarity SMA Male Right Angle Connector Crimp/ Solder Attachment for RG58, RG141, PE-C195, PE-P195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45012 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Reverse Polarity Connector
• 50 Ohms
• Right Angle Body Geometry
• RG58, RG141, PE-C195, PE-P195 Interface Type
• Crimp/Solder Attachment
• 5/16 in Hex
.
Mechanical Specifications
Size
Length
0.63 in [16 mm]
Width/Dia.
0.312 in [7.92 mm]
Height
0.79 in [20.07 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
5 in-lbs [0.57 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Reverse Polarity SMA Male Right Angle Connector Crimp/Solder Attachment for RG58,
RG141, PE-C195, PE-P195 PE45012
PE45012 REV 1.0
Reverse Polarity SMA Male Right Angle Connector Crimp/
Solder Attachment for RG58, RG141, PE-C195, PE-P195
RF Connectors Technical Data Sheet
PE45012


Similar Part No. - PE45012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4501 PASTERNACK-PE4501 Datasheet
229Kb / 3P
SHV Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4501 PASTERNACK-PE4501 Datasheet
352Kb / 3P
SHV Jack Connector Solder Attachment
PE45011 PASTERNACK-PE45011 Datasheet
400Kb / 2P
3.5mm Female Connector Clamp-Solder Attachment For RG402-U, PE-SR402FL
PE4501 PASTERNACK-PE4501_16 Datasheet
352Kb / 3P
SHV Jack Connector Solder Attachment
More results

Similar Description - PE45012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
PE4769 PASTERNACK-PE4769 Datasheet
83Kb / 1P
REVERSE POLARITY SMA MALE CRIMP ATTACHMENT FOR RG58
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE4783 PASTERNACK-PE4783 Datasheet
91Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG58
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com