Electronic Components Datasheet Search
  English  ▼

X  

PE45035 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45035
Description  MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with -4 Clearance Mounting Holes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45035 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45035 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45035 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
MHV Female
Connector Interface Type
Solder Cup
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.43 in [36.32 mm]
Width/Dia.
0.688 in [17.48 mm]
.
Connector
Type
MHV Female
Contact Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with #4 Clearance Mounting Holes from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with #4 Clearance
Mounting Holes PE45035
URL: http://www.pasternack.com/mhv-female-standard-standard-solder-cup-connector-pe45035-p.aspx
PE45035
PE45035 REV 1.0
MHV Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup with #4 Clearance Mounting Holes


Similar Part No. - PE45035

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
324Kb / 3P
75 Ohm N Female Connector Solder Attachment
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE45032 PASTERNACK-PE45032 Datasheet
392Kb / 3P
10-32 Male Right Angle Connector Crimp - Solder Attachment for RG316-DS, RG188-DS
PE45036 PASTERNACK-PE45036 Datasheet
410Kb / 3P
N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
More results

Similar Description - PE45035

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4228 PASTERNACK-PE4228_16 Datasheet
356Kb / 3P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com