Electronic Components Datasheet Search
  English  ▼

X  

PE45037 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45037
Description  7/16 DIN Male Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45037 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45037 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45037 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45037 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Connector Interface Type
RG58, RG55, RG141, RG142, RG223, RG400
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.87 in [47.5 mm]
Width/Dia.
1.25 in [31.75 mm]
.
Weight
0.229 lbs [103.87 g]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size
1 1/4 Inch
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 7/16 DIN Male Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142,
RG223, RG400 PE45037
PE45037
PE45037 REV 1.0
7/16 DIN Male Connector Clamp/Solder Attachment
for RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE45037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
324Kb / 3P
75 Ohm N Female Connector Solder Attachment
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE45032 PASTERNACK-PE45032 Datasheet
392Kb / 3P
10-32 Male Right Angle Connector Crimp - Solder Attachment for RG316-DS, RG188-DS
PE45035 PASTERNACK-PE45035 Datasheet
358Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with -4 Clearance Mounting Holes
More results

Similar Description - PE45037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4566 PASTERNACK-PE4566 Datasheet
882Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44285 PASTERNACK-PE44285 Datasheet
320Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4519 PASTERNACK-PE4519 Datasheet
237Kb / 3P
SC Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44281 PASTERNACK-PE44281 Datasheet
238Kb / 3P
7 - 16 DIN Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com