Electronic Components Datasheet Search
  English  ▼

X  

PE45046 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45046
Description  7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45046 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45046 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45046 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45046 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
7/16 DIN Male
Connector Specification
IEC 169-4
Connector Interface Type
LMR-195, PE-C195, PE-P195
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length
1.77 in [44.96 mm]
Width/Dia.
1.26 in [32.00 mm]
Height
1.55 in [39.37 mm]
.
Weight
0.11 lbs [49.9 g]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
32 mm
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-
P195 PE45046
PE45046
PE45046 REV 1.0
7/16 DIN Male Right Angle Connector Crimp/Solder
Attachment for LMR-195, PE-C195, PE-P195


Similar Part No. - PE45046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4504 PASTERNACK-PE4504 Datasheet
219Kb / 3P
75 Ohm N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4504 PASTERNACK-PE4504 Datasheet
325Kb / 3P
75 Ohm N Male Connector Solder Attachment
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
PE45045 PASTERNACK-PE45045 Datasheet
393Kb / 3P
BNC Male Connector Crimp-Solder Attachment for RG174, RG316 Up to 4GHz
PE45047 PASTERNACK-PE45047 Datasheet
349Kb / 3P
N Female Bulkhead Mount Connector Crimp - Solder Attachment for LMR-200, PE-C200 IP 67
More results

Similar Description - PE45046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44536 PASTERNACK-PE44536 Datasheet
259Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE45064 PASTERNACK-PE45064 Datasheet
375Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Crimp - Crimp Attachment for RG58, PE-C195, PE-P195, LMR-195
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE45012 PASTERNACK-PE45012 Datasheet
340Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp/ Solder Attachment for RG58, RG141, PE-C195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com