Electronic Components Datasheet Search
  English  ▼

X  

PE45114 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45114
Description  BNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45114 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45114 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45114 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45114 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
BNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG316-DS, RG188-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 4 GHz
Impedance
50 Ohms
Maximum Operating Voltage
335 Volts
Frequency 1
Frequency
DC to 3 GHz
VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.11 in [28.19 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
PE45114
PE45114
PE45114 REV 1.0
BNC Male Connector Crimp/Solder Attachment
for RG316-DS, RG188-DS Up to 4GHz


Similar Part No. - PE45114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
319Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE45117 PASTERNACK-PE45117 Datasheet
343Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 150A
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE45114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4385 PASTERNACK-PE4385 Datasheet
121Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4392 PASTERNACK-PE4392 Datasheet
94Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45170 PASTERNACK-PE45170 Datasheet
372Kb / 3P
10-32 Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45161 PASTERNACK-PE45161 Datasheet
414Kb / 3P
TNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45182 PASTERNACK-PE45182 Datasheet
404Kb / 3P
Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
PE44416 PASTERNACK-PE44416 Datasheet
84Kb / 1P
SSMA MALE, CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44417 PASTERNACK-PE44417 Datasheet
86Kb / 1P
SSMA MALE, CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com