Electronic Components Datasheet Search
  English  ▼

X  

PE45116 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45116
Description  75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45116 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45116 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45116 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45116 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Plotted and Other Data
Notes:
75 Ohm BNC Male Connector Crimp/Solder Attachment for Belden 1694A from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment for Belden 1694A PE45116
URL: http://www.pasternack.com/bnc-male-belden-1694a-connector-pe45116-p.aspx
PE45116 REV 1.0
RF Connectors Technical Data Sheet
PE45116
75 Ohm BNC Male Connector Crimp/
Solder Attachment for Belden 1694A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com