Electronic Components Datasheet Search
  English  ▼

X  

PE45117 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45117
Description  75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 150A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45117 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45117 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45117 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45117 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 75 Ohms
• Straight Body Geometry
• Belden 150A Interface Type
• Crimp/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.1:1
Operating Voltage (AC)
300
Vrms
.
Mechanical Specifications
Size
Length
0.929 in [23.6 mm]
Width/Dia.
0.571 in [14.50 mm]
.
Weight
0.027 lbs [12.25 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
Teflon
Body
Brass
Nickel
100µ in. minimum
Coupling Nut
Zinc
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Crimp/Solder Attachment for Belden 150A PE45117
PE45117 REV 1.0
75 Ohm BNC Male Connector Crimp/
Solder Attachment for Belden 150A
RF Connectors Technical Data Sheet
PE45117


Similar Part No. - PE45117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
319Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE45114 PASTERNACK-PE45114 Datasheet
356Kb / 3P
BNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE45117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
PE44626 PASTERNACK-PE44626 Datasheet
206Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A
PE44628 PASTERNACK-PE44628 Datasheet
207Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 7731A
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com