Electronic Components Datasheet Search
  English  ▼

X  

PE45119 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45119
Description  SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45119 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45119 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45119 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45119 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405FL, PE-SR405FLJ Interface Type
• Solder/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.533 in [13.54 mm]
Width/Dia.
0.256 in [6.50 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
30µ in. minimum
Insulation
Teflon
Body
Brass
Gold
3µ in. minimum
Coupling Nut
Brass
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45119
PE45119 REV 1.0
SMB Male Push-On Connector Solder Attachment
for RG405, PE-SR405FL, PE-SR405FLJ
RF Connectors Technical Data Sheet
PE45119


Similar Part No. - PE45119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
319Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE45114 PASTERNACK-PE45114 Datasheet
356Kb / 3P
BNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE45117 PASTERNACK-PE45117 Datasheet
343Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 150A
More results

Similar Description - PE45119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44708 PASTERNACK-PE44708 Datasheet
281Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45127 PASTERNACK-PE45127 Datasheet
347Kb / 3P
SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com