Electronic Components Datasheet Search
  English  ▼

X  

PE45126 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45126
Description  SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45126 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45126 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45126 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45126 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMP Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405FL, PE-SR405FLJ Interface Type
• Solder/Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
350
Vrms
.
Mechanical Specifications
Size
Length
0.325 in [8.26 mm]
Width/Dia.
0.24 in [6.10 mm]
Height
0.374 in [9.5 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30µ in. minimum
Insulation
Teflon
Body
Brass
Gold
3µ in. minimum
Coupling Nut
Brass
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL,
PE-SR405FLJ PE45126
PE45126 REV 1.0
SMP Male Bulkhead Mount Push-On Connector Solder
Attachment for RG405, PE-SR405FL, PE-SR405FLJ
RF Connectors Technical Data Sheet
PE45126


Similar Part No. - PE45126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45127 PASTERNACK-PE45127 Datasheet
347Kb / 3P
SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PE45128 PASTERNACK-PE45128 Datasheet
344Kb / 3P
SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PE4512 PASTERNACK-PE4512_16 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE45126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44706 PASTERNACK-PE44706 Datasheet
866Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44708 PASTERNACK-PE44708 Datasheet
281Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45127 PASTERNACK-PE45127 Datasheet
347Kb / 3P
SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE45323 PASTERNACK-PE45323 Datasheet
391Kb / 4P
BMA Jack Bulkhead Mount Slide-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com