Electronic Components Datasheet Search
  English  ▼

X  

PE45127 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45127
Description  SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45127 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45127 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45127 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45127 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMP Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405FL, PE-SR405FLJ Interface Type
• Solder/Solder Attachment
• 2 Hole Flange
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.386 in [9.8 mm]
Width/Dia.
0.189 in [4.80 mm]
Height
0.492 in [12.5 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30µ in. minimum
Insulation
Teflon
Body
Brass
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR-
405FL, PE-SR405FLJ PE45127
PE45127 REV 1.0
SMP Male Push-On Connector Solder Attachment 2 Hole
Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
RF Connectors Technical Data Sheet
PE45127


Similar Part No. - PE45127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45128 PASTERNACK-PE45128 Datasheet
344Kb / 3P
SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PE4512 PASTERNACK-PE4512_16 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE45127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44690 PASTERNACK-PE44690 Datasheet
290Kb / 3P
SMA Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44708 PASTERNACK-PE44708 Datasheet
281Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com