Electronic Components Datasheet Search
  English  ▼

X  

G5698 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5698
Description  1.2MHz, 1.2A Synchronous Step-Down Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5698 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5698 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Aug 30, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5698
Global Mixed-mode Technology Inc.
1.2MHz, 1.2A Synchronous Step-Down Regulator
Features
High Efficiency: Up to 95%
Low Quiescent Current: Only 50µA During Op-
eration
Internal Soft Start Function
1.2A Output Current
2.5V to 6V Input Voltage Range
1.2MHz Switching Frequency
No Schottky Diode Required
100% Duty Cycle in Dropout Operation
0.6V Reference Allows Low Output Voltages
<1µA Shutdown Current
Current Mode Operation for Excellent Line and
Load Transient Response
Over Temperature Protected
RoHS Compliant
Applications
Cellular Telephones
Personal Information Appliances
Microprocessors and DSP Core Supplies
Wireless and DSL Modems
Digital Still and Video Cameras
MP3 Players
Portable Instruments
General Description
The G5698 is a high efficiency monolithic synchronous
buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 50µA and drops to <1µA in shutdown. The 2.5V
to 6V input voltage range makes the G5698 ideally
suited for single Li-Ion battery-powered applications.
100% duty cycle provides low dropout operation, ex-
tending battery run time in portable systems. Switching
frequency is internally set at 1.2MHz, allowing the use
of small surface mount inductors and capacitors. The
internal synchronous switch increase efficiency and
eliminates the need for an external Schottky diode.
Built-in soft start function eliminates in-rush current
that could damage the system.
Ordering Information
ORDER
NUMBER
MARKING
OUTPUT
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
G5698ADJRE1U
5698A
Adjustable
-40°C~ +85°C
TDFN3X3-10
For other output voltage, please contact us at sales@gmt.com.tw
Note: RE: TDFN3X3-10
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
VIN
LX
EN
VFB
GND
G5698
CIN
2.2µF
CER
V
IN
5V
2.2µH
C
FB
R1
80k
R2
18k
C
OUT
10µF
CER
VOUT
3.3V
1.2A
* (option)
VOUT = 0.6V • (1+
)
R1
R2
Note: Recomm end connecting the Thermal
Pad to the GND or let it keep floati ng.
TDFN3X3-10
4
G5698
1
2
3
8
7
6
NC
NC
5
9
10
GND
TDFN3X3-10
4
1
2
3
8
7
6
VIN
EN
NC
PGND
LX
5
9
10
VFB
NC
Thermal
Pad
VIN
LX
EN
VFB
GND
G5698
CIN
2.2µF
CER
V
IN
5V
2.2µH
C
FB
R1
80k
R2
18k
C
OUT
10µF
CER
VOUT
3.3V
1.2A
* (option)
VOUT = 0.6V • (1+
)
R1
R2
VOUT = 0.6V • (1+
)
R1
R2
Note: Recomm end connecting the Thermal
Pad to the GND or let it keep floati ng.
TDFN3X3-10
4
G5698
1
2
3
8
7
6
NC
NC
5
9
10
GND
TDFN3X3-10
4
1
2
3
8
7
6
VIN
EN
NC
PGND
LX
5
9
10
VFB
NC
Thermal
Pad


Similar Part No. - G5698

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
1.5MHz, 1A High Efficiency Buck Converter
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
G569C GMT-G569C Datasheet
178Kb / 11P
CD-RW Laser Diode Current Driver
More results

Similar Description - G5698

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3458 EUTECH-EUP3458 Datasheet
109Kb / 1P
1.2A,30V,1.2MHz Step-Down Converter
logo
Linear Technology
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
1.2A, Step-Down Switching Regulator
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
6V 6.0A 1.2MHz Synchronous Step-Down Regulator
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com