Electronic Components Datasheet Search
  English  ▼

X  

B5819WS Datasheet(PDF) 1 Page - Diotech Company.

Part # B5819WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

B5819WS Datasheet(HTML) 1 Page - Diotech Company.

  B5819WS Datasheet HTML 1Page - Diotech Company. B5819WS Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B5817WS THRU B5819WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 1.0 Ampere
●
Low Turn-on Voltage
●
Fast Switching
●
Ultra-small surface mount package.
●
PN Junction Guard Ring for Transient and
ESD Protection
FEATURES
MECHANICAL DATA
●
Case: SOD-323, Molded Plastic
● Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
● Polarity: Cathode Band
●
Weight: 0.004 grams (approx.)
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
—
All Dimensions in mm
G
H
A
C
D
B
E
Maximum Ratings @T
A=25°C unless otherwise specified
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Reverse Voltage
Peak Repetitive
Working Peak Reverse Voltage
DC Blocking Voltage
Typical thermal Resistance junction to
Ambient Note(1)
Symbol
VRRM
VRWM
VR
VR(RMS)
IFSM
PD
B5817WS
B5819WS
Unit
20
40
V
V
A
mW
A
Operating & Storage Temperature Range
TJ TSTG
-55 to +150
625
200
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimpose on
rated load (JEDEC Method)
RMS Reverse Voltage
Power Dissipation
14
28
4.0
Average Rectified Output Current
IFAV
1.0
°C/W
°C
R JA
Characteristic
Symbol
V(BR)R
B5817WS
B5819WS
Unit
40
V
Junction Capacitance
f=1MHZ, VR=4VDC
20
Reverse Current Note(2)
IR
mA
IF=1A Tj=25°C
IF=3A Tj=25°C
VF
0.45
0.75
0.60
0.90
V
Forward Voltage Note(2)
VR=20V, Tj=25°C
VR=40V, Tj=25°C
Cj
120
PF
Note: 1. Valid provited that leads are kept at ambient tememperature.
2. Pulse Test : Pulse with = 300 µs, Duty Cycle ≤ 2%
(2)
Minimum Reverse Breakdown Voltage
(IR=1mA)
1.0
-
-
1.0


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819WS BILIN-B5819WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5819WS PFS-B5819WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819WS MCC-B5819WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com