Electronic Components Datasheet Search
  English  ▼

X  

MBR3030PT Datasheet(PDF) 2 Page - Diotech Company.

Part # MBR3030PT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MBR3030PT Datasheet(HTML) 2 Page - Diotech Company.

  MBR3030PT Datasheet HTML 1Page - Diotech Company. MBR3030PT Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR3030PT THRU MBR30100PT
RATINGS AND CHARACTERISTIC CURVES
0
6
12
18
24
30
10
40
60
80
100 120
140150
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
60
120
180
240
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1
10
20
40
0
0.25
0.50
0.75
1.00
1.25
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
3030PT ~ 3045PT
3050PT ~ 3060PT
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
3080PT ~ 30100PT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com