Electronic Components Datasheet Search
  English  ▼

X  

5LP01C Datasheet(PDF) 1 Page - ON Semiconductor

Part # 5LP01C
Description  P-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01C Datasheet(HTML) 1 Page - ON Semiconductor

  5LP01C Datasheet HTML 1Page - ON Semiconductor 5LP01C Datasheet HTML 2Page - ON Semiconductor 5LP01C Datasheet HTML 3Page - ON Semiconductor 5LP01C Datasheet HTML 4Page - ON Semiconductor 5LP01C Datasheet HTML 5Page - ON Semiconductor 5LP01C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
72413 TKIM TC-00002969/62712 TKIM/33006PE MSIM TB-00002201/92500 TS IM TA-2036 No.6619-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
5LP01C
P-Channel Small Signal MOSFET
–50V, –0.07A, 23Ω, Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low ON-resistance
•
Ultrahigh-speed switching
•
1.5V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
--50
V
Gate to Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--0.07
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--0.28
A
Allowable Power Dissipation
PD
0.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7013A-013
Ordering number : EN6619C
Ordering & Package Information
Device
Package
Shipping
memo
5LP01C-TB-E
CP
SC-59, TO-236,
SOT-23, TO-236AB
3,000
pcs./reel
Pb-Free
5LP01C-TB-H
CP
SC-59, TO-236,
SOT-23, TO-236AB
3,000
pcs./reel
Pb-Free
and
Halogen Free
Packing Type: TB
Marking
Electrical Connection
1 : Gate
2 : Source
3 : Drain
CP
12
3
2.9
0.95
0.4
0.1
5LP01C-TB-E
5LP01C-TB-H
TB
1
2
3
XB


Similar Part No. - 5LP01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01C SANYO-5LP01C Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
5LP01C VBSEMI-5LP01C Datasheet
980Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 5LP01C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BSS84 WEITRON-BSS84 Datasheet
127Kb / 4P
Small Signal MOSFET P-Channel
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01M ONSEMI-5LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
P-Channel Small Signal MOSFET
April, 2014
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com