Electronic Components Datasheet Search
  English  ▼

X  

ZMM55C20 Datasheet(PDF) 2 Page - Diotech Company.

Part # ZMM55C20
Description  500mW SUFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ZMM55C20 Datasheet(HTML) 2 Page - Diotech Company.

  ZMM55C20 Datasheet HTML 1Page - Diotech Company. ZMM55C20 Datasheet HTML 2Page - Diotech Company. ZMM55C20 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMM55C2V4 ~ ZMM55C100
500mW SUFACE MOUNT ZENER DIODE
r
e
b
m
u
N
tr
a
P
e
g
a
tl
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
r
u
t
a
r
e
p
m
e
T
n
e
Z
f
o
t
n
e
i
c
if
f
e
o
C
e
g
a
tl
o
V
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
K
T Z
V
K
/
%
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
Ω
A
m
Ω
A
m
A
u
V
n
i
M
x
a
M
5C2V4
5
M
M
Z
4
.
2
8
2
.
2
6
5
.
2
5
8
5
0
0
6
0
.
1
0
5
0
.
1
9
0
.
0
-
6
0
.
0
-
5C2V7
5
M
M
Z
7
.
2
5
.
2
9
.
2
5
8
5
0
0
6
0
.
1
0
1
0
.
1
9
0
.
0
-
6
0
.
0
-
5C3V0
5
M
M
Z
0
.
3
8
.
2
2
.
3
5
8
5
0
0
6
0
.
1
4
0
.
1
8
0
.
0
-
5
0
.
0
-
5C3V3
5
M
M
Z
3
.
3
1
.
3
5
.
3
5
8
5
0
0
6
0
.
1
2
0
.
1
8
0
.
0
-
5
0
.
0
-
5C3V6
5
M
M
Z
6
.
3
4
.
3
8
.
3
5
8
5
0
0
6
0
.
1
2
0
.
1
8
0
.
0
-
5
0
.
0
-
5C3V9
5
M
M
Z
9
.
3
7
.
3
1
.
4
5
8
5
0
0
6
0
.
1
2
0
.
1
8
0
.
0
-
5
0
.
0
-
5C4V3
5
M
M
Z
3
.
4
0
.
4
6
.
4
5
7
5
0
0
6
0
.
1
1
0
.
1
6
0
.
0
-
3
0
.
0
-
5C4V7
5
M
M
Z
7
.
4
4
.
4
0
.
5
0
6
5
0
0
6
0
.
1
5
.
0
0
.
1
5
0
.
0
-
2
0
.
0
5C5V1
5
M
M
Z
1
.
5
8
.
4
4
.
5
5
3
5
0
5
5
0
.
1
1
.
0
0
.
1
2
0
.
0
-
2
0
.
0
5C5V6
5
M
M
Z
6
.
5
2
.
5
0
.
6
5
2
5
0
5
4
0
.
1
1
.
0
0
.
1
5
0
.
0
-
5
0
.
0
5C6V2
5
M
M
Z
2
.
6
8
.
5
6
.
6
0
1
5
0
0
2
0
.
1
1
.
0
0
.
2
3
0
.
0
6
0
.
0
5C6V8
5
M
M
Z
8
.
6
4
.
6
2
.
7
8
5
0
5
1
0
.
1
1
.
0
0
.
3
3
0
.
0
7
0
.
0
5C7V5
5
M
M
Z
5
.
7
0
.
7
9
.
7
7
5
0
5
0
.
1
1
.
0
0
.
5
3
0
.
0
7
0
.
0
5C8V2
5
M
M
Z
2
.
8
7
.
7
7
.
8
7
5
0
5
0
.
1
1
.
0
0
.
6
3
0
.
0
8
0
.
0
5C9V1
5
M
M
Z
1
.
9
5
.
8
6
.
9
0
1
5
0
5
0
.
1
1
.
0
0
.
7
3
0
.
0
9
0
.
0
5C10
5
M
M
Z
0
1
4
.
9
6
.
0
1
5
1
5
0
7
0
.
1
1
.
0
5
.
7
3
0
.
0
1
.
0
5C11
5
M
M
Z
1
1
4
.
0
1
6
.
1
1
0
2
5
0
7
0
.
1
1
.
0
5
.
8
3
0
.
0
1
1
.
0
5C12
5
M
M
Z
2
1
4
.
1
1
7
.
2
1
0
2
5
0
9
0
.
1
1
.
0
0
.
9
3
0
.
0
1
1
.
0
5C13
5
M
M
Z
3
1
4
.
2
1
1
.
4
1
6
2
5
0
1
1
0
.
1
1
.
0
0
1
3
0
.
0
1
1
.
0
5C15
5
M
M
Z
5
1
8
.
3
1
6
.
5
1
0
3
5
0
1
1
0
.
1
1
.
0
1
1
3
0
.
0
1
1
.
0
5C16
5
M
M
Z
6
1
3
.
5
1
1
.
7
1
0
4
5
0
7
1
0
.
1
1
.
0
2
1
3
0
.
0
1
1
.
0
5C18
5
M
M
Z
8
1
8
.
6
1
1
.
9
1
0
5
5
0
7
1
0
.
1
1
.
0
4
1
3
0
.
0
1
1
.
0
5C20
5
M
M
Z
0
2
8
.
8
1
2
.
1
2
5
5
5
0
2
2
0
.
1
1
.
0
5
1
3
0
.
0
1
1
.
0
5C22
5
M
M
Z
2
2
8
.
0
2
3
.
3
2
5
5
5
0
2
2
0
.
1
1
.
0
7
1
3
0
.
0
1
1
.
0
5C24
5
M
M
Z
4
2
8
.
2
2
6
.
5
2
0
8
5
0
2
2
0
.
1
1
.
0
8
1
4
0
.
0
2
1
.
0
5C27
5
M
M
Z
7
2
1
.
5
2
9
.
8
2
0
8
5
0
2
2
0
.
1
1
.
0
0
2
4
0
.
0
2
1
.
0
5C30
5
M
M
Z
0
3
8
2
2
3
0
8
5
0
2
2
0
.
1
1
.
0
2
2
4
0
.
0
2
1
.
0
5C33
5
M
M
Z
3
3
1
3
5
3
0
8
5
0
2
2
0
.
1
1
.
0
4
2
4
0
.
0
2
1
.
0
5C36
5
M
M
Z
6
3
4
3
8
3
0
8
5
0
2
2
0
.
1
1
.
0
7
2
4
0
.
0
2
1
.
0
5C39
5
M
M
Z
9
3
7
3
1
4
0
9
5
.
2
0
0
5
0
.
1
1
.
0
0
3
4
0
.
0
2
1
.
0
5C43
5
M
M
Z
3
4
0
4
6
4
0
9
5
.
2
0
0
6
0
.
1
1
.
0
3
3
4
0
.
0
2
1
.
0
5C47
5
M
M
Z
7
4
4
4
0
5
0
1
1
5
.
2
0
0
7
0
.
1
1
.
0
6
3
4
0
.
0
2
1
.
0
5C51
5
M
M
Z
1
5
8
4
4
5
5
2
1
5
.
2
0
0
7
5
.
0
1
.
0
9
3
4
0
.
0
2
1
.
0
5C56
5
M
M
Z
6
5
2
5
0
6
5
3
1
5
.
2
0
0
0
1
5
.
0
1
.
0
3
4
4
0
.
0
2
1
.
0
5C62
5
M
M
Z
2
6
8
5
6
6
0
5
1
5
.
2
0
0
0
1
5
.
0
1
.
0
7
4
4
0
.
0
2
1
.
0
5C68
5
M
M
Z
8
6
4
6
2
7
0
0
2
5
.
2
0
0
0
1
5
.
0
1
.
0
1
5
4
0
.
0
2
1
.
0
5C75
5
M
M
Z
5
7
0
7
9
7
0
5
2
5
.
2
0
0
5
1
5
.
0
1
.
0
6
5
-
-
5C82
5
M
M
Z
2
8
7
7
7
8
0
0
3
5
.
2
0
0
0
2
5
.
0
1
.
0
2
6
-
-
5C91
5
M
M
Z
1
9
5
8
6
9
0
5
4
0
.
1
0
0
0
5
1
.
0
1
.
0
8
6
-
-
5C100
5
M
M
Z
0
0
1
4
9
6
0
1
0
5
4
0
.
1
0
0
0
5
1
.
0
1
.
0
5
7
-
-
Notes : STANDARD VOLTAGE TOLERANCE IS + 5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com