Electronic Components Datasheet Search
  English  ▼

X  

S7808PI Datasheet(PDF) 6 Page - AUK corp

Part # S7808PI
Description  Fixed Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7808PI Datasheet(HTML) 6 Page - AUK corp

Back Button S7808PI Datasheet HTML 2Page - AUK corp S7808PI Datasheet HTML 3Page - AUK corp S7808PI Datasheet HTML 4Page - AUK corp S7808PI Datasheet HTML 5Page - AUK corp S7808PI Datasheet HTML 6Page - AUK corp S7808PI Datasheet HTML 7Page - AUK corp S7808PI Datasheet HTML 8Page - AUK corp S7808PI Datasheet HTML 9Page - AUK corp S7808PI Datasheet HTML 10Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
KSI-2016-003
6
Electrical Characteristics
(VIN = 17V, IOUT = 500mA, Tj = 0°C ~ 125°C, Unless otherwise noted)
S7810PI
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Tj =25℃
9.6
10.0
10.4
Output Voltage
VOUT
IOUT=5mA ~ 1A
VIN=12.5V ~ 25V, PO≤ 15W
9.5
10.0
10.5
V
VIN=12.5V ~ 28V
-
7
200
Line Regulation
VOUT
VIN=14.0V ~ 20V
Tj =25℃
-
2
100
mV
IOUT=5mA ~ 1.5A
-
12
200
Load Regulation
VOUT
IOUT=250mA ~ 750mA
Tj =25℃
-
4
100
mV
Quiescent Current
IB
Tj =25℃
-
4.3
8.0
mA
VIN = 12.5V ~ 28V
-
-
1.0
Quiescent Current Change
IB
IOUT = 5mA ~ 1A
-
-
0.5
mA
Output Noise Voltage
VN
f=10Hz ~ 100KHz,
Tj =25℃
-
70
-
uVrms
Ripple Rejection Ratio
RR
f=120
Hz, VIN =13V ~ 23V
55
71
-
dB
Dropout Voltage
VD
IOUT=1A
Tj =25℃
-
2.0
-
V
Short Circuit Current Limit
ISC
Tj =25℃
-
0.4
-
A
Output Voltage Drift
TCVO
IOUT=5mA
Tj =25℃
-
-1.0
-
mV/
°C
Peak Output Current
IPK
Tj =25℃
-
2.2
-
A
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
S78xxPI



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com