Electronic Components Datasheet Search
  English  ▼

X  

TWS-ES-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TWS-ES-2
Description  Wireless Hi Power Transmitter Module (RF ASK)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWS-ES-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TWS-ES-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TWS-ES-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TWS-ES-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TWS-ES-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TWS-ES Series Datasheet P.2
Model : TWS-ES-2
 Frequency Range: 433.92 MHz
 Modulate Mode: ASK
 Circuit Shape: SAW
 Date Rate: 8Kbps
 Supply Voltage: 1.5~12V
 Electric Current: 23mA(5V) ; 40mA(9V) ; 53mA(12V)
 Output Power : 10dBm(5V) ; 14.5dBm(9V) ; 20dBm(12V)
 Working temperature: -20~+85℃
 Solder temperature: 230℃(10 seconds).
 High sensitivity is designed.
Application
 Wireless Data Transmission
 Wireless Game Pad
 Remote Control
 Wireless Toys
 Car Key
 Home Automation
 AMR- Automatic Meter Reading
 Remote Keyless Entry
Absolute Maximum Rating
Rating
Value
Unit
Power Supply and All Input/ Output Pins
-0.3~+12.0
V
Non-Operating Case Temperature
-20~+85
℃
Soldering Temperature(10 seconds)
230
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com