Electronic Components Datasheet Search
  English  ▼

X  

G9092 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9092
Description  Dual, 300mA Low-Dropout Linear Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9092 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9092 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9092 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.94
Aug 24, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9092
Global Mixed-mode Technology Inc.
Ordering Information
ORDER
NUMBER
MARKING
OUT1
OUT2
TEMP.
RANGE
PACKAGE
(Green)
G9092HRTB2U
92HRx
1.8V
3.3V
-40°C~+85°C
SOT-23-6
G9092HQTB2U
92HQx
1.8V
3.0V
-40°C~+85°C
SOT-23-6
G9092HNTB2U
92HNx
1.8V
2.8V
-40°C~+85°C
SOT-23-6
G9092HLTB2U
92HLx
1.8V
2.5V
-40°C~+85°C
SOT-23-6
G9092HOTB2U
92HOx
1.8V
2.85V
-40°C~+85°C
SOT-23-6
G9092NNTB2U
92NNx
2.8V
2.8V
-40°C~+85°C
SOT-23-6
G9092RNTB2U
92RNx
3.3V
2.8V
-40°C~+85°C
SOT-23-6
G9092OOTB3U
9BOOx
2.85V
2.85V
-40°C~+85°C
SOT-23-6
G9092FNTP1U
90FNx
1.5V
2.8V
-40°C~+85°C
TSOT-23-6
G9092HNTP1U
90HNx
1.8V
2.8V
-40°C~+85°C
TSOT-23-6
G9092LLTP1U
90LLx
2.5V
2.5V
-40°C~+85°C
TSOT-23-6
G9092LRTP1U
90LRx
2.5V
3.3V
-40°C~+85°C
TSOT-23-6
G9092NRTP1U
90NRx
2.8V
3.3V
-40°C~+85°C
TSOT-23-6
G9092QQTP1U
90QQx
3.0V
3.0V
-40°C~+85°C
TSOT-23-6
G9092RNTP1U
90RNx
3.3V
2.8V
-40°C~+85°C
TSOT-23-6
G9092NHRC1U
90NH
2.8V
1.8V
-40°C~+85°C
TDFN2X2-8
G9092FNRD1U
9N2FN
1.5V
2.8V
-40°C~+85°C
TDFN3X3-8
G9092HNRD1U
9N2HN
1.8V
2.8V
-40°C~+85°C
TDFN3X3-8
G9092HRRD1U
9N2HR
1.8V
3.3V
-40°C~+85°C
TDFN3X3-8
G9092LLRD1U
9N2LL
2.5V
2.5V
-40°C~+85°C
TDFN3X3-8
G9092LRRD1U
9N2LR
2.5V
3.3V
-40°C~+85°C
TDFN3X3-8
G9092NRRD1U
9N2NR
2.8V
3.3V
-40°C~+85°C
TDFN3X3-8
G9092QQRD1U
9N2QQ
3.0V
3.0V
-40°C~+85°C
TDFN3X3-8
G9092RNRD1U
9N2RN
3.3V
2.8V
-40°C~+85°C
TDFN3X3-8
Note: TB: SOT-23-6
TP: TSOT-23-6
RC: TDFN2X2-8
RD: TDFN3X3-8
1, 2 & 3: Bonding Code
U: Tape & Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com