Electronic Components Datasheet Search
  English  ▼

X  

G9084 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9084
Description  5A Low-Dropout Linear Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9084 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9084 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9084 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.91
Jun 28, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9084
Global Mixed-mode Technology
Ordering Information
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Pb free/Green)
REMARK
G9084T43U
G9084
Adjustable
-40°C to +85°C
TO-252
G9084-15T43U
G9084-15
1.5V
-40°C to +85°C
TO-252
G9084-18T43U
G9084-18
1.8V
-40°C to +85°C
TO-252
G9084-25T43U
G9084-25
2.5V
-40°C to +85°C
TO-252
G9084-33T43U
G9084-33
3.3V
-40°C to +85°C
TO-252
G9084-50T43U
G9084-50
5.0V
-40°C to +85°C
TO-252
G9084T43D
G9084
Adjustable
-40°C to +85°C
TO-252
G9084-15T43D
G9084-15
1.5V
-40°C to +85°C
TO-252
G9084-18T43D
G9084-18
1.8V
-40°C to +85°C
TO-252
G9084-25T43D
G9084-25
2.5V
-40°C to +85°C
TO-252
G9084-33T43D
G9084-33
3.3V
-40°C to +85°C
TO-252
G9084-50T43D
G9084-50
5.0V
-40°C to +85°C
TO-252
G9084T53U
G9084
Adjustable
-40°C to +85°C
TO-263
G9084-15T53U
G9084-15
1.5V
-40°C to +85°C
TO-263
G9084-18T53U
G9084-18
1.8V
-40°C to +85°C
TO-263
G9084-25T53U
G9084-25
2.5V
-40°C to +85°C
TO-263
G9084-33T53U
G9084-33
3.3V
-40°C to +85°C
TO-263
G9084-50T53U
G9084-50
5.0V
-40°C to +85°C
TO-263
G9084TU3U
G9084
Adjustable
-40°C to +85°C
TO-263T
OBSOLETE
G9084-15TU3U
G9084-15
1.5V
-40°C to +85°C
TO-263T
OBSOLETE
G9084-18TU3U
G9084-18
1.8V
-40°C to +85°C
TO-263T
OBSOLETE
G9084-25TU3U
G9084-25
2.5V
-40°C to +85°C
TO-263T
OBSOLETE
G9084-33TU3U
G9084-33
3.3V
-40°C to +85°C
TO-263T
OBSOLETE
G9084-50TU3U
G9084-50
5.0V
-40°C to +85°C
TO-263T
OBSOLETE
* For other package types and pin options, please contact us at sales@gmt.com.tw
Note: T4 :TO-252
T5 : TO-263
TU : TO-263T
3: Bonding Code
U & D: Tape & Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com