Electronic Components Datasheet Search
  English  ▼

X  

ATP113 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP113
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP113 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP113 Datasheet HTML 1Page - ON Semiconductor ATP113 Datasheet HTML 2Page - ON Semiconductor ATP113 Datasheet HTML 3Page - ON Semiconductor ATP113 Datasheet HTML 4Page - ON Semiconductor ATP113 Datasheet HTML 5Page - ON Semiconductor ATP113 Datasheet HTML 6Page - ON Semiconductor ATP113 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP113
No. A1755-4/7
IT15610
IT15609
010
20
60
50
40
30
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
2
3
5
7
--10
--0.1
IDP= --105A (PW≤10μs)
ID= --35A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
Tc=25
°C
Single pulse
--1.0
23
5 7
23
5 7
23
5 7
--10
--100
10
μs
--100
VDS= --30V
ID= --35A
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT15179
EAS -- Ta
Ambient Temperature, Ta --
°C
PD -- Tc
Case Temperature, Tc --
°C
IT15611
0
0
20
40
60
80
100
140
120
40
30
20
10
60
50
160



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com