Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 1 Page - ON Semiconductor

Part # IRF830
Description  Power Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

IRF830 Datasheet(HTML) 1 Page - ON Semiconductor

  IRF830 Datasheet HTML 1Page - ON Semiconductor IRF830 Datasheet HTML 2Page - ON Semiconductor IRF830 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
IRF830/D
IRF830
Power Field Effect
Transistor
N−Channel Enhancement Mode
Silicon Gate TMOS
This TMOS Power FET is designed for high voltage, high speed
power switching applications such as switching regulators, converters,
solenoid and relay drivers.
• Silicon Gate for Fast Switching Speeds
• Low RDS(on) to Minimize On−Losses, Specified at Elevated
Temperature
• Rugged — SOA is Power Dissipation Limited
• Source−to−Drain Diode Characterized for Use with Inductive Loads
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
500
Vdc
Drain−Gate Voltage (RGS = 1.0 MΩ)
VDGR
500
Vdc
Gate−Source Voltage
VGS
"20
Vdc
Drain Current
Continuous, TC = 25°C
Continuous, TC = 100°C
Peak, TC = 25°C
ID
4.5
3.0
18
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD
75
0.6
Watts
W/°C
Operating and Storage
Temperature Range
TJ, Tstg
−55 to 150
°C
THERMAL CHARACTERISTICS
Thermal Resistance
— Junction−to−Case
— Junction−to−Ambient
RθJC
RθJA
1.67
62.5
°C/W
Maximum Lead Temperature for
Soldering Purposes, 1/8″ from Case
for 5 Seconds
TL
300
°C
See the MTM4N45 Data Sheet for a complete set of design curves for the
product on this data sheet. Design curves of the MTP4N45 are applicable for
this product.
TMOS POWER FET
4.5 AMPERES, 500 VOLTS
RDS(on) = 1.5 Ω
Device
Package
Shipping
ORDERING INFORMATION
IRF830
TO−220AB
50 Units/Rail
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
PIN ASSIGNMENT
1
2
3
Source
Gate
Drain
4
Drain
http://onsemi.com
®
N−Channel
D
S
G


Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
POWER FIELD EFFECT TRANSISTOR
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
Power Field Effect Transistor
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
POWER FIELD EFFECT TRANSISTOR
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
POWER FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
MTM20P10 NJSEMI-MTM20P10 Datasheet
87Kb / 2P
Power Field Effect Transistor
MTH8N90 NJSEMI-MTH8N90 Datasheet
89Kb / 2P
Power Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com