Electronic Components Datasheet Search
  English  ▼

X  

LB1946 Datasheet(PDF) 13 Page - ON Semiconductor

Part # LB1946
Description  PWM Current Control Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1946 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LB1946 Datasheet HTML 8Page - ON Semiconductor LB1946 Datasheet HTML 9Page - ON Semiconductor LB1946 Datasheet HTML 10Page - ON Semiconductor LB1946 Datasheet HTML 11Page - ON Semiconductor LB1946 Datasheet HTML 12Page - ON Semiconductor LB1946 Datasheet HTML 13Page - ON Semiconductor LB1946 Datasheet HTML 14Page - ON Semiconductor LB1946 Datasheet HTML 15Page - ON Semiconductor LB1946 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LB1946
No.7115-13/16
Mix decay logic setting
When serial transmission data (D4, D10) is Low
MD pin setting:
5V VCC type: 1.6 to 3.9V
3.3V VCC type: 1.2 to 2.5V
CR voltage and MD pin voltage are compared to select dual-side chopping or upper-side chopping.
CR voltage
> MD pin voltage: dual-side chopping
CR voltage
< MD pin voltage: upper-side chopping
t on: Output on time
t off: Output off time
tm: Fast decay time in mix decay mode
tn: Noise cancellation time
tn
t on
t off
tm
MD pin voltage level
ILB01484
MIX DECAY
Noise spike
E pin
Output current
CR pin
Output pin
Switching Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com