Electronic Components Datasheet Search
  English  ▼

X  

MMDF6N02HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF6N02HD
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF6N02HD Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF6N02HD Datasheet HTML 1Page - ON Semiconductor MMDF6N02HD Datasheet HTML 2Page - ON Semiconductor MMDF6N02HD Datasheet HTML 3Page - ON Semiconductor MMDF6N02HD Datasheet HTML 4Page - ON Semiconductor MMDF6N02HD Datasheet HTML 5Page - ON Semiconductor MMDF6N02HD Datasheet HTML 6Page - ON Semiconductor MMDF6N02HD Datasheet HTML 7Page - ON Semiconductor MMDF6N02HD Datasheet HTML 8Page - ON Semiconductor MMDF6N02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
MMDF6N02HD/D
MMDF6N02HD
Preferred Device
Power MOSFET
6 Amps, 20 Volts
N−Channel SO−8, Dual
These miniature surface mount MOSFETs feature low RDS(on) and
true logic level performance. Dual MOSFET devices are designed for
use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc−dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives.
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 12
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 70°C
Drain Current − Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
6.5
6.0
52
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Thermal Resistance − Junction to Ambient
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes
TL
260
°C
1. Mounted on 1″ square FR4 or G−10 board (VGS = 4.5 V, @ 10 seconds).
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
1
8
6 AMPERES
20 VOLTS
RDS(on) = 35 mW
Device
Package
Shipping
ORDERING INFORMATION
MMDF6N02HDR2
SO−8
2500 Tape & Reel
SO−8, Dual
CASE 751
STYLE 11
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D6N02H
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
D
S
G


Similar Part No. - MMDF6N02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
More results

Similar Description - MMDF6N02HD

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com