Electronic Components Datasheet Search
  English  ▼

X  

PE45128 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45128
Description  SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45128 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45128 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMP Female Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG316, RG174, LMR-100 Interface Type
• Crimp/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
350
Vrms
.
Mechanical Specifications
Size
Length
0.295 in [7.49 mm]
Width/Dia.
0.157 in [3.99 mm]
Height
0.311 in [7.9 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
30µ in. minimum
Insulation
Teflon
Outer Conductor
Beryllium Copper
Gold
3µ in. minimum
Body
Beryllium Copper
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Push-On Connector Crimp/Solder Attachment for RG316, RG174,
LMR-100 PE45128
PE45128 REV 1.0
SMP Female Right Angle Push-On Connector Crimp/
Solder Attachment for RG316, RG174, LMR-100
RF Connectors Technical Data Sheet
PE45128


Similar Part No. - PE45128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45127 PASTERNACK-PE45127 Datasheet
347Kb / 3P
SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PE4512 PASTERNACK-PE4512_16 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE45128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45050 PASTERNACK-PE45050 Datasheet
372Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG188, RG174
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE45142 PASTERNACK-PE45142 Datasheet
354Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com