Electronic Components Datasheet Search
  English  ▼

X  

MMSF2P02ER2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMSF2P02ER2
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF2P02ER2 Datasheet(HTML) 1 Page - ON Semiconductor

  MMSF2P02ER2 Datasheet HTML 1Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 2Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 3Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 4Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 5Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 6Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 7Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 8Page - ON Semiconductor MMSF2P02ER2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Order Number:
MMSF2P02E/D
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 6
1
MMSF2P02E
Preferred Device
Power MOSFET
2 Amps, 20 Volts
P−Channel SO−8
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a low reverse recovery time. MiniMOS
t
devices are designed for use in low voltage, high speed switching
applications where power efficiency is important. Typical applications
are dc−dc converters, and power management in portable and battery
powered products such as computers, printers, cellular and cordless
phones. They can also be used for low voltage motor controls in mass
storage products such as disk drives and tape drives. The avalanche
energy is specified to eliminate the guesswork in designs where
inductive loads are switched and offer additional safety margin against
unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed
• Avalanche Energy Specified
• Mounting Information for SO−8 Package Provided
• IDSS Specified at Elevated Temperature
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1.)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current
− Continuous @ TA = 25°C (Note 2.)
− Continuous @ TA = 100°C
− Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
2.5
1.7
13
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 2.)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc,
IL = 6.0 Apk, L = 12 mH, RG = 25 Ω)
EAS
216
mJ
Thermal Resistance − Junction to Ambient
(Note 2.)
RθJA
50
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
1. Negative sign for P−Channel device omitted for clarity.
2. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
D
S
G
P−Channel
N−C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
1
8
2 AMPERES
20 VOLTS
RDS(on) = 250 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF2P02ER2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 13
http://onsemi.com
LYWW
MARKING
DIAGRAM
S4P01
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MMSF2P02ER2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
More results

Similar Description - MMSF2P02ER2

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com