Electronic Components Datasheet Search
  English  ▼

X  

PE45132 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45132
Description  TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45132 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45132 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45132 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45132 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Solder Attachment
• Bulkhead
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.5:1
Operating Voltage (AC)
375
Vrms
.
Mechanical Specifications
Size
Length
1.04 in [26.42 mm]
Width/Dia.
0.709 in [18.01 mm]
.
Weight
0.055 lbs [24.95 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
Teflon
Body
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45132
PE45132 REV 1.0
TNC Female Bulkhead Mount Connector Solder
Attachment for RG178, RG196 IP67 Rated
RF Connectors Technical Data Sheet
PE45132


Similar Part No. - PE45132

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45133 PASTERNACK-PE45133 Datasheet
351Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
PE45134 PASTERNACK-PE45134 Datasheet
343Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment Thru Hole PCB IP67 Rated
More results

Similar Description - PE45132

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4701 PASTERNACK-PE4701 Datasheet
93Kb / 1P
REVERSE POLARITY TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 & RG196
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44404 PASTERNACK-PE44404 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG178 &RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 & RG196
PE44406 PASTERNACK-PE44406 Datasheet
113Kb / 1P
SSMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
PE44655 PASTERNACK-PE44655 Datasheet
284Kb / 3P
SMP Female Connector Solder Attachment For RG178, RG196
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com