Electronic Components Datasheet Search
  English  ▼

X  

PE45133 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45133
Description  N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45133 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45133 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45133 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45133 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG316, RG174, LMR-100 Interface Type
• Crimp/Solder Attachment
• 4 Hole Flange
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
1.05 in [26.67 mm]
Width/Dia.
0.89 in [22.61 mm]
.
Weight
0.075 lbs [34.02 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
Teflon
Body
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-20 to 80 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174,
LMR-100 IP67 Rated PE45133
PE45133 REV 1.0
N Female Connector Crimp/Solder Attachment 4 Hole
Flange Mount for RG316, RG174, LMR-100 IP67 Rated
RF Connectors Technical Data Sheet
PE45133


Similar Part No. - PE45133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45132 PASTERNACK-PE45132 Datasheet
359Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
PE45134 PASTERNACK-PE45134 Datasheet
343Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment Thru Hole PCB IP67 Rated
More results

Similar Description - PE45133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44887 PASTERNACK-PE44887 Datasheet
385Kb / 3P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE45128 PASTERNACK-PE45128 Datasheet
344Kb / 3P
SMP Female Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG174, LMR-100
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com