Electronic Components Datasheet Search
  English  ▼

X  

SAM2332 Datasheet(PDF) 1 Page - AUK corp

Part # SAM2332
Description  Dual Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SAM2332 Datasheet(HTML) 1 Page - AUK corp

  SAM2332 Datasheet HTML 1Page - AUK corp SAM2332 Datasheet HTML 2Page - AUK corp SAM2332 Datasheet HTML 3Page - AUK corp SAM2332 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KLD-3001-000
1
SAM2332
Dual Chip LED Lamp
Features
• Compact type
• Radiation size 1.3mm × 2.9mm
• Radiation color (Amber, Green)
• Surface mount lead configuration
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
±
PIN Connections
1.Anode
2.Anode
3.Cathode


Similar Part No. - SAM2332

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM2331 AUK-SAM2331 Datasheet
61Kb / 3P
Dual Chip LED Lamp
SAM2331 AUK-SAM2331 Datasheet
142Kb / 4P
Dual Chip LED
SAM2331 AUK-SAM2331_1 Datasheet
142Kb / 4P
Dual Chip LED
SAM2333 AUK-SAM2333 Datasheet
54Kb / 3P
Dual Chip LED Lamp
SAM2333 AUK-SAM2333 Datasheet
212Kb / 4P
Dual Chip LED
More results

Similar Description - SAM2332

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM5280 AUK-SAM5280 Datasheet
152Kb / 3P
Dual LED Lamp
SRM2332 AUK-SRM2332 Datasheet
208Kb / 4P
Dual Chip LED Lamp
SRM5670A AUK-SRM5670A Datasheet
69Kb / 3P
Dual LED Lamp
SAM2333 AUK-SAM2333 Datasheet
54Kb / 3P
Dual Chip LED Lamp
SAM2331 AUK-SAM2331 Datasheet
61Kb / 3P
Dual Chip LED Lamp
SAM5370 AUK-SAM5370 Datasheet
222Kb / 4P
Dual LED Lamp
SRM3270-A AUK-SRM3270-A Datasheet
190Kb / 4P
Dual LED Lamp
SAB5370 AUK-SAB5370 Datasheet
219Kb / 4P
Dual LED Lamp
SRM5670-A AUK-SRM5670-A Datasheet
245Kb / 4P
Dual LED Lamp
SYM5270 AUK-SYM5270 Datasheet
215Kb / 4P
Dual LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com