Electronic Components Datasheet Search
  English  ▼

X  

PE45138 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45138
Description  SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45138 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45138 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45138 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45138 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195
PE45138
URL: http://www.pasternack.com/sma-female-rg58-rg303-lmr-195-connector-pe45138-p.aspx
PE45138 REV 1.0
RF Connectors Technical Data Sheet
PE45138
SMA Female Bulkhead Mount Connector Crimp/
Solder Attachment for RG58, RG303, LMR-195



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com