Electronic Components Datasheet Search
  English  ▼

X  

G5933 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5933
Description  High Voltage 1.5x Charge Pump
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5933 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5933 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.1
Jul 23, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5933
Global Mixed-mode Technology Inc.
High Voltage 1.5x Charge Pump
Features
Input Range: 8V to 24V
Output Range: 12V to 36V
56µA Quiescent Current at 8V Supply Voltage
and 96µA Quiescent Current at 24V Supply
Voltage
±3% Regulated Output
10mA Output Current with a Voltage Drop of
900mV
Power Good Function
Over-Temperature Protection
MSOP-8 Package
Applications
Notebook Computers
General Description
The G5933 is a high-voltage switched-capacitor
charge pump that provides the regulated output volt-
age of 1.5x input voltage. Input voltages ranging from
8V to 24V can be converted into a 12V to 36V output
supply. The device is ideal for battery-powered con-
version applications in notebook computers with a
typical operating current of 56µA at 8V supply and
96µA at 24V supply. The G5933 can deliver 10mA
output current with a voltage drop of 900mV at 24V
supply.
The G5933 has a NMOS open-drain output pin for
power good indication. When VOUT > 1.5 *VIN* 90%,
the NMOS will be turned off immediately and PG pin
will be pulled high by external resistor.
The G5933 contains an over-temperature circuit to
protect the device under continuous output short cir-
cuit conditions. The device is available in a 8-pin
MSOP package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5933P81U
G5933
-40°C to +85°C
MSOP-8
Note: P8: MSOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
NC
CN
8
6
5
1
2
3
4
VIN
GND
VOUT
MSOP-8
G5933
CP
D_CAP
PG
VIN
CN
GND
D_CAP
PG
CL
0.1µF
G5933
7
V
IN
VOUT
CP
V
IN
RPG
10k
Ω
1s-delay cap
D_CAP=1µF
CFLY
0.1µF
NC
NC
CN
8
6
5
1
2
3
4
VIN
GND
VOUT
MSOP-8
G5933
CP
D_CAP
PG
VIN
CN
GND
D_CAP
PG
CL
0.1µF
G5933
7
V
IN
VOUT
CP
V
IN
RPG
10k
Ω
1s-delay cap
D_CAP=1µF
CFLY
0.1µF
NC


Similar Part No. - G5933

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5930TBU GMT-G5930TBU Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
G5931P1U GMT-G5931P1U Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
More results

Similar Description - G5933

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3340 ANALOGICTECH-AAT3340 Datasheet
995Kb / 14P
High Efficiency 1x/1.5x Charge Pump
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3340 ANALOGICTECH-AAT3340_08 Datasheet
989Kb / 14P
High Efficiency 1x/1.5x Charge Pump
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Global Mixed-mode Techn...
G5934 GMT-G5934 Datasheet
73Kb / 1P
High Voltage 1.5x Charge Pump with Load Switch Controller
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com