Electronic Components Datasheet Search
  English  ▼

X  

RG59-P Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG59-P
Description  75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG59-P Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG59-P Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG59-P Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG59-P Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Shield:
Number of
1
Material 1
Copper Braid
Jacket:
Material
PVC
Diameter, in [mm]
0.194 [4.93]
Color
White
Weight, lbs/ft [Kg/m]
0.03 [0.04]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
•
UL Type: CMP, CL2P
75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
RG59-P
URL: http://www.pasternack.com/flexible-0.194-rg59-plenum-75-ohm-coax-cable-fep-jacket-rg59-p-p.aspx
RG59-P
RG59-P REV 1.1
75 Ohm Flexible RG59 Plenum Rated Coax Cable
Single Shielded with White PVC Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com