Electronic Components Datasheet Search
  English  ▼

X  

G5806 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5806
Description  Single Cell Li-Ion Battery Linear Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5806 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5806 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Oct 31, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5806
Global Mixed-mode Technology Inc.
Single Cell Li-Ion Battery Linear Charger
Features
No External Power MOSFET, Sense Resistor or
Blocking Diode Required
1% Regulation Voltage Accuracy
Programmable Constant Charge Current Limit
up to 800mA
Automatic Recharge
Complete Pre-Charge, Constant Current,
Constant Voltage and Charge Termination
Charge Procedure
Support for 5V Power Supply Voltage
Internal Input Overvoltage Lockout Protection
Circuit (VIN >6.5V)
Internal Thermal Protection Circuit
TSOT-23-5 Package
Applications
MP3 Players
Cellular Phones
PDAs
Hand-Held Devices
General Description
The G5806 is a standalone linear Li-Ion battery
charger with a complete pre-charge, constant-current
and constant-voltage charge loop.
No external power MOSFET, sense resistor and block-
ing diode is required due to internal power MOSFET
architecture. The charge voltage is regulated at 4.2V,
and the charge current is programmable by an exter-
nal resistor. After the final regulation voltage is
reached and the charge current drops to 1/10th the
programmed charge current, the open drain NMOS
CHRG pin would be turn off automatically without
terminating the charge loop.
Other features include under voltage lockout, auto-
matic recharge, over temperature protection and a
charge status indication pin.
Ordering Information
ORDER
NUMBER
MARKING
TEMP. RANGE
PACKAGE
(Pb free)
G5806TO1U
5806x
-40°C ~ +85°C
TSOT-23-5
Note:TO: TSOT-23-5
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
PROG
TSOT-23-5
5
4
1
CHRG
2
3
GND
BAT
BAT
PROG
GND
G5806
2k
V
IN
4.5V to 6.5V
G5806
VIN
1µF
500mA Single Cell Li-Ion Charger
Li-lon
Battery
VIN
CHRG
300
Ω
VIN
LED
1.5
Ω
*
*1.5Ω resistor in series with a ceramic capacitor will
minimize the start-up voltage overshoot transients
PROG
TSOT-23-5
5
4
1
CHRG
2
3
GND
BAT
BAT
PROG
GND
G5806
2k
V
IN
4.5V to 6.5V
G5806
VIN
1µF
500mA Single Cell Li-Ion Charger
Li-lon
Battery
VIN
CHRG
300
Ω
VIN
LED
1.5
Ω
*
*1.5Ω resistor in series with a ceramic capacitor will
minimize the start-up voltage overshoot transients


Similar Part No. - G5806

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
Mobile Phone Power Management System
G5800Q1R GMT-G5800Q1R Datasheet
791Kb / 1P
Mobile Phone Power Management System
G5800Q1U GMT-G5800Q1U Datasheet
791Kb / 1P
Mobile Phone Power Management System
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
More results

Similar Description - G5806

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Monolithic Power System...
MP2603 MPS-MP2603 Datasheet
342Kb / 9P
Single-Cell 150mA Linear Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com