Electronic Components Datasheet Search
  English  ▼

X  

G5754 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5754
Description  2A Step-down DC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5754 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5754 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Jul 26, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5754/G5754A
Global Mixed-mode Technology Inc.
2A Step-down DC/DC
Features
2A Output Current
0.18
Ω Internal Power MOSFET Switch
Stable with Low ESR Output Ceramic Capaci-
tors
Up to 95% Efficiency
30µA Shutdown Mode
Fixed 380kHz Frequency
Thermal Shutdown
Cycle-by-Cycle Over Current Protection
Wide 4.75V to 24V Operating Input Range
Output Adjustable from 1.22V to 21.6V(G5754)
Output Adjustable from 0.92V to 21.6V(G5754A)
Available in SOP-8 Package
Applications
PC Monitors
DSL Modems
Distributed Power Systems
Pre-Regulator for Linear Regulators
General Description
The G5754/G5754A is a monolithic step-down switch
mode regulator with a built in internal power MOSFET. It
achieves 2A continuous output current over a wide input
supply range with excellent load and line regulation.
Current mode operation provides fast transient re-
sponse and eases loop stabilization.
Fault condition protection includes cycle-by-cycle cur-
rent limiting, output short circuit protection and thermal
shutdown. In shutdown mode the regulator draws
30µA of supply current. Programmable soft-start over-
writes the internal soft-start for various requirement of
output power up ramp and minimizes the inrush supply
current at initial startup.
The G5754/G5754A requires a minimum number of
readily available standard external components. It is
available in a SOP-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5754P11U
G5754
-40°C to +85°C
SOP-8
G5754AP11U
G5754A
-40°C to +85°C
SOP-8
Note: P1: SOP-8
1: Bonding Code
U : Tape & Reel
Pin Configuration
Typical Application Circuit
SOP-8
G5754/G5754A
IN
8
6
5
1
2
3
4
SS / NC
BS
LX
EN
COMP
FB
GND
7
OUTPUT
2.5V/2A
R1
10.5k
Ω
1%
L1
15µH
D1
4
6
C5
10nF
5
7
BS
IN
EN
SS / NC
LX
FB
COMP
GND
G5754
C1
10µF
25V
C2
22µF/6.3V
CERAMIC
R2
10k
Ω
1%
ON
C3
4.7nF
R3
7.5k
Ω
C6
OPEN
INPUT
12V
OFF
2
3
8
1
C4 10nF
/
Open not used
OUTPUT
2.5V/2A
R1
17.2k
Ω
1%
L1
15µH
D1
4
6
C5
10nF
5
7
BS
IN
EN
SS / NC
LX
FB
COMP
GND
G5754A
C1
10µF
25V
C2
22µF/6.3V
CERAMIC
R2
10k
Ω
1%
ON
C3
4.7nF
R3
7.5k
Ω
C6
OPEN
INPUT
12V
OFF
2
3
8
1
C4 10nF
/
Open not used
SOP-8
G5754/G5754A
IN
8
6
5
1
2
3
4
SS / NC
BS
LX
EN
COMP
FB
GND
7
OUTPUT
2.5V/2A
R1
10.5k
Ω
1%
L1
15µH
D1
4
6
C5
10nF
5
7
BS
IN
EN
SS / NC
LX
FB
COMP
GND
G5754
C1
10µF
25V
C2
22µF/6.3V
CERAMIC
R2
10k
Ω
1%
ON
C3
4.7nF
R3
7.5k
Ω
C6
OPEN
INPUT
12V
OFF
2
3
8
1
C4 10nF
/
Open not used
OUTPUT
2.5V/2A
R1
17.2k
Ω
1%
L1
15µH
D1
4
6
C5
10nF
5
7
BS
IN
EN
SS / NC
LX
FB
COMP
GND
G5754A
C1
10µF
25V
C2
22µF/6.3V
CERAMIC
R2
10k
Ω
1%
ON
C3
4.7nF
R3
7.5k
Ω
C6
OPEN
INPUT
12V
OFF
2
3
8
1
C4 10nF
/
Open not used


Similar Part No. - G5754

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5752 GMT-G5752 Datasheet
89Kb / 1P
2A Step-down DC/DC
G5752A GMT-G5752A Datasheet
89Kb / 1P
2A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
3A Step-down DC/DC
G5753A GMT-G5753A Datasheet
90Kb / 1P
3A Step-down DC/DC
G5755 GMT-G5755 Datasheet
84Kb / 1P
3A, 1.5MHz, 28V Step-down DC/DC
More results

Similar Description - G5754

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Global Mixed-mode Techn...
G5655 GMT-G5655 Datasheet
99Kb / 1P
2A Step-down DC/DC
G5654 GMT-G5654 Datasheet
81Kb / 1P
2A Step-down DC/DC
G5762 GMT-G5762 Datasheet
83Kb / 1P
2A Step-down DC/DC
G5752 GMT-G5752 Datasheet
89Kb / 1P
2A Step-down DC/DC
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com