Electronic Components Datasheet Search
  English  ▼

X  

SM8142 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8142
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8142 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM8142 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8142 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM8142
NIPPON PRECISION CIRCUITS—7
I
SM8142BD
Note: Do not operate the SM8142 with the EL sheet NOT connected (no load to OUT1/OUT2) since the IC will be damaged.
* : Connect a 1k
Ω resistor to protect IC when the size of EL sheet is over 30cm2.
VSS
OSC
ENA
VDD
CHV
LDR
OUT2
OUT1
0.1
µF
100V
0.47mH
Diode:TOSHIBA 1SS370
Coil:RIVER ELETEC FLC32PC
100k
Ω
Current Consumption:15mA
EL sheet
0.01
µF
bypass
C
3.0V
EL sheet size:5cm to 10cm
22
VSS
OSC
ENA
VDD
CHV
LDR
OUT2
OUT1
0.1
µF
100V
0.47mH
Diode:TOSHIBA 1SS370
Coil:MURATA LQH4N471K04M00
180k
Ω
Current Consumption:20mA
EL sheet
2
2
EL sheet size:20cm to 30cm
0.01
µF
bypass
C
3.0V
VSS
OSC
ENA
VDD
CHV
LDR
OUT2
OUT1
0.1
µF
100V
0.22mH
3.0V
Diode:TOSHIBA 1SS370
Coil:MURATA LQH4N221K04M00
180k
Ω
Current Consumption:20mA
EL sheet
1.5V
2
2
EL sheet size:10cm to 15cm
0.01
µF
bypass
C
VSS
OSC
ENA
VDD
CHV
LDR
OUT2
OUT1
0.1
µF
100V
0.22mH
Diode:TOSHIBA 1SS370
Coil:MURATA LQH4N221K04M00
180k
Ω
Current Consumption:40mA
EL sheet
2
2
EL sheet size:30cm to 50cm
0.01
µF
bypass
C
3.0V
1k
Ω*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com