Electronic Components Datasheet Search
  English  ▼

X  

SKM545USB Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SKM545USB
Description  5Amp. MOS BARRIER RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SKM545USB Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SKM545USB Datasheet HTML 1Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 2Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 3Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 4Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 5Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 6Page - Cystech Electonics Corp. SKM545USB Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C175SB
Issued Date : 2015.03.31
Revised Date :
Page No. : 2/7
SKM545USB
CYStek Product Specification
Marking Information
M545U = Product Type Marking Code
Y M = Date Code Marking
Y = Last One Digits of Year (ex: 4 for 2014)
M = Month code (1 ~ 9、10→A、11→B、12→C)
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,
resistive or inductive load.
For capacitive load, derate current by 20%.)
Parameter
Symbol
Min. Typ.
Max.
Units
Maximum DC blocking voltage
VDC
45
V
Maximum Recurrent peak reverse voltage
VRRM
45
V
Maximum RMS voltage
VRMS
32
V
Maximum instantaneous forward voltage
at IF=15A
TC=25°C
VF
0.46
0.49
V
TC=125°C
0.42
0.45
Maximum instantaneous VR=45 V, TC=25℃
IR
60
300
μA
reverse current at
VR=45 V, TC=125℃
15
35
mA
Maximum Average forward rectified current @ TC=100℃
IF(AV)
5
A
Non-repetitive peak forward surge current @
IFSM
120
A
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
2
A
Storage temperature range
Tstg
-55
150
℃
Operating junction temperature range
TJ
-55
150
℃
Thermal Data
Parameter
Symbol
Value
Unit
Typical Thermal Resistance, Junction-to-ambient(1)
Rth,j-a
75
C/W
Typical Resistance, Junction-to-case(2)
Rth,j-c
18
C/W
Note
1. FR-4 PCB, 2oz. Copper. Minimum recommended pad layout.
2. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com