Electronic Components Datasheet Search
  English  ▼

X  

ELM7SH14XB Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM7SH14XB
Description  HIGH SPEED CMOS LOGIC IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7SH14XB Datasheet(HTML) 1 Page - ELM Electronics

  ELM7SH14XB Datasheet HTML 1Page - ELM Electronics ELM7SH14XB Datasheet HTML 2Page - ELM Electronics ELM7SH14XB Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
HIGH SPEED CMOS LOGIC IC
ELM7SH14xB Schmitt Inverter
■General description
■Features
■Application
■Selection guide
ELM7SH14xB-EL
Symbol
a
Function
14: Schmitt inverter
b
Package
M: SOT-25
T : SC-70-5(SOT-353)
c
Product version
B
d
Taping direction
EL: Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5 to +6.0
V
Input voltage
Vin
-0.5 to +6.0
V
Output voltage
Vout
-0.5 to Vdd+0.5
V
Input protection diode current
Iik
-
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
50
mA
Power dissipation
Pd
150
mW
Storage temperature
Tstg
-65 to +150
°C
ELM7SH14xB is CMOS schmitt inverter which is suitable for battery-operated devices because of its low
voltage and ultra high speed operation. The low power consumption contributes to longer battery life, which
allows long time operation of devices. The internal circuit which provides high noise immunity and stable
output is composed of 3 stages, including buffered output.
• Same electrical characteristic and high speed operation as 74VHC series
• Low consumption current
: Idd=1.0μA(Max.)(Top=25°C)
• Wide power voltage range
: 2.0V to 5.5V
• Wide input voltage range
: Vih=5.5V(Max.)(Vdd=0 to 5.5V)
• High speed
: Tpd=2ns(Typ.)(Vdd=5.0V)
• Small package
: SOT-25, SC-70-5(SOT-353)
• Same function and pin configuration as ELM7SxxB
• Cell phones
• Digital cameras
• Portable electrical appliances like PDA, etc.
• Computers and peripherals
• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
• Modification inside print board, adjustment of timing, solution to noise
• Power voltage change from 5V to 3V
ELM7SH 1 4 x B - EL
↑ ↑ ↑ ↑
a b c d
3 -


Similar Part No. - ELM7SH14XB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH14XB ELM-TECH-ELM7SH14XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Schmitt Inverter
ELM7SH14XB ELM-TECH-ELM7SH14XB_17 Datasheet
605Kb / 3P
HIGH SPEED CMOS LOGIC IC ELM7SH14xB Schmitt Inverter
More results

Similar Description - ELM7SH14XB

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SH00XB ELM-ELM7SH00XB Datasheet
319Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH02XB ELM-ELM7SH02XB Datasheet
319Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH04XB ELM-ELM7SH04XB Datasheet
316Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH66XB ELM-ELM7SH66XB Datasheet
380Kb / 4P
HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
HIGH SPEED CMOS LOGIC IC
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
HIGH SPEED CMOS LOGIC IC
ELM7SH126XA ELM-ELM7SH126XA Datasheet
398Kb / 4P
HIGH SPEED CMOS LOGIC IC
ELM7SHU04XB ELM-ELM7SHU04XB Datasheet
316Kb / 3P
HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com