Electronic Components Datasheet Search
  English  ▼

X  

1SS417FN2 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SS417FN2
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS417FN2 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SS417FN2 Datasheet HTML 1Page - Pan Jit International Inc. 1SS417FN2 Datasheet HTML 2Page - Pan Jit International Inc. 1SS417FN2 Datasheet HTML 3Page - Pan Jit International Inc. 1SS417FN2 Datasheet HTML 4Page - Pan Jit International Inc. 1SS417FN2 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P1SS417FN2
November 6,2015-REV.00
Page 1
PIN NO.1
IDENTIFICATION
0.002(0.05)MAX.
0.013(0.32)
0.008(0.22)
0.042(1.05)
0.037(0.95)
SURFACE MOUNT SCHOTTKY BARRIER
Voltage
40 V
Current
100 mA
Features
Small package
Low forward voltage : VF(3)=0.51V(typ.)
Low reverse current : IR=5A(Max.)
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std..
(Halogen Free)
Mechanical Data
Case: DFN 2L plastic case
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.00004 ounces, 0.0011 grams
Marking:7F
MAXIMUM RATINS (TA=25
oC)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum (peak) reverse voltage
VRM
45
V
Peak reverse voltage
VR
40
V
Maximum (peak) forward current
IFM
200
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
1
A
Power dissipation
PD
100
mW
Operating junction and storage temperature range
TJ, TSTG
-55 to +125
oC


Similar Part No. - 1SS417FN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS417FN2 PANJIT-1SS417FN2_17 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
1SS417FN2_R1_00001 PANJIT-1SS417FN2_R1_00001 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
1SS417FN2_R1_00001 PANJIT-1SS417FN2_R1_00001 Datasheet
146Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
May 11,2017-REV.01
1SS417FN2 PANJIT-1SS417FN2_V01 Datasheet
146Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
May 11,2017-REV.01
More results

Similar Description - 1SS417FN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
SS0840WS PANJIT-SS0840WS_16 Datasheet
212Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com