Electronic Components Datasheet Search
  English  ▼

X  

CF8141A Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF8141A
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8141A Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF8141A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8141A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM8141
NIPPON PRECISION CIRCUITS—5
DC Characteristics
Ta = 25 °C, VSS = 0 V, VDD = 3.0 V unless otherwise noted
P arameter
V er.
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
A / B
V DD
2.0
3.0
5.5
V
CHV output voltage
A / B
V CHV
0.5
–
1 0 0
V
OUT1, OUT2 HIGH-level output voltage
A / B
V OUTH
–
–
100
V
OUT1, OUT2 LOW -level output voltage
A / B
V OUTL
–
–
0.5
V
LDR output resistance
A / B
R LDR
ILDR = 50 mA
–
8.0
12.0
Ω
OCE oscillator frequency
A
fOCE1
R OCE = 200 kΩ
205
256
307
kHz
OCE oscillator frequency range
fOCE2
32
–
1024
OCL oscillator frequency
A
fOCL1
R OCL = 200 kΩ
205
256
307
kHz
OCL oscillator frequency range
fOCL2
32
–
1024
OSC oscillator frequency
B
fOSC1
R OSC = 200 kΩ
205
256
307
kHz
OSC oscillator frequency range
fOSC2
32
–
1024
OUT1, OUT2 output frequency
A / B
fOUT1
R OCE /ROSC = 200 kΩ
200
250
300
Hz
OUT1, OUT2 output frequency range
fOUT2
31
–
1000
LDR inductance driver frequency
A / B
fLDR1
R OCL /ROSC = 200 kΩ
51
64
77
kHz
LDR inductance driver frequency range
fLDR2
8
–
256
ENA HIGH-level input voltage
B
V ENAH
ENA = “H”, V DD = 2.0 to 5.5V
V DD − 0.5
–
V DD + 0.3
V
ENA LO W -level input voltage
V ENAL
ENA = “L”, V DD = 2.0 to 5.5V
V SS − 0.3
–
V SS + 0.5
ENA input current
B
IENAH
V ENAH = 3.0V, V DD = 3.0V
2.0
4.0
6.0
µA
Operating current
A / B
IDD1
Excluding coil current
–
–
1
m A
Stand-by current
B
ISTB
ENA = “L”
–
–
1
µA
ENA r ise time
B
tENA
V ENAL → V ENAH
–
–
100
m s
Rise time
tENA
VSS
VDD
VDD
0.5
−
VSS
0.5
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com