Electronic Components Datasheet Search
  English  ▼

X  

SM8143AV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8143AV
Description  EL Sheet Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8143AV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8143AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8143AV Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SM8143A
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD
− 0.3 to 7.0
V
Input voltage range
V IN
All Input pins
V SS − 0.3 to V DD + 0.3
V
Output voltage
V CHV
CHV pin
0.5 to 120
V
V LDR
LDR pin
0.5 to 120
V
V OUT1/2
OUT1, OUT2 pin
0.5 to 120
V
P ow er dissipation
P D
Ta ≤ 70 °C
200
m W
Ta ≤ 85 °C
140
m W
Storage temperature range
T STG
− 55 to 125
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage range
V DD2
1.6
3.0
5.5
V
Operating temperature
TOPR
− 40
–
8 5
°C
Operating current1
IDD2
Including coil current, V DD = 3.0V, Ta ≤ 70 °C
–
–
150
m A
Including coil current, V DD = 5.0V, Ta ≤ 70 °C
–
–
100
m A
Including coil current, V DD = 3.0V, Ta ≤ 85 °C
–
–
105
m A
Including coil current, V DD = 5.0V, Ta ≤ 85 °C–
–
7 0
m A
Coil inductance
L LDR
fLDR = 64 kHz
–
0.47
–
m H
1. Max value is as same as Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com